Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD49037 Fiches technique(PDF) 75 Page - OSRAM GmbH

No de pièce TMD49037
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD49037 Fiches technique(HTML) 75 Page - OSRAM GmbH

Back Button TMD49037 Datasheet HTML 71Page - OSRAM GmbH TMD49037 Datasheet HTML 72Page - OSRAM GmbH TMD49037 Datasheet HTML 73Page - OSRAM GmbH TMD49037 Datasheet HTML 74Page - OSRAM GmbH TMD49037 Datasheet HTML 75Page - OSRAM GmbH TMD49037 Datasheet HTML 76Page - OSRAM GmbH TMD49037 Datasheet HTML 77Page - OSRAM GmbH TMD49037 Datasheet HTML 78Page - OSRAM GmbH TMD49037 Datasheet HTML 79Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
Page 74
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Pack age Drawings & Mark ings
Figure 84:
TMD4903 Module Dimensions
Note(s):
1. Package type: oLGA8
2. All linear dimensions are in millimeters.
3. Dimension tolerances are ±0.05mm unless otherwise noted.
4. Contacts are copper with NiPdAu plating.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
7. Measurement guarantee by lot acceptance testing using 20 units.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86