| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD37024VCM Fiches technique(PDF) 50 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD37024VCM Fiches technique(HTML) 50 Page - OSRAM GmbH |
|
50 / 57 page ![]() Datasheet, Public Page 49 [v2-00] 2023-Mar-14 Document Feedback TMD3702VC − Laser Eye Safety The TMD3702VC is designed to meet the Class 1 laser safety limits including single faults in compliance with IEC/EN 60825-1:2014. In an end application system environment, the system may need to be tested to ensure it remains compliant. The system must not include any additional lens to concentrate the laser light or parameters set outside of the recommended operating conditions. Use outside of the recommended condition or any physical modification to the module during development could result in hazardous levels of radiation exposure. Laser Eye Safety |