| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD37024VCM Fiches technique(PDF) 43 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD37024VCM Fiches technique(HTML) 43 Page - OSRAM GmbH |
|
43 / 57 page ![]() Page 42 Datasheet, Public Document Feedback [v2-00] 2023-Mar-14 TMD3702VC − Application Information Figure 67: TMD3702VC Recommended Circuit Layout Note(s): 1. The dominant factor governing device performance is the component placement, not necessarily component value. The placement of the decoupling capacitor, C2, is the most critical. Place the component on the same side of PCB as device as shown in the figure above. Make connection as close as possible to minimize series inductance and resistance. This is critical. |