Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD37024VC Fiches technique(PDF) 43 Page - OSRAM GmbH

No de pièce TMD37024VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VC Fiches technique(HTML) 43 Page - OSRAM GmbH

Back Button TMD37024VC Datasheet HTML 39Page - OSRAM GmbH TMD37024VC Datasheet HTML 40Page - OSRAM GmbH TMD37024VC Datasheet HTML 41Page - OSRAM GmbH TMD37024VC Datasheet HTML 42Page - OSRAM GmbH TMD37024VC Datasheet HTML 43Page - OSRAM GmbH TMD37024VC Datasheet HTML 44Page - OSRAM GmbH TMD37024VC Datasheet HTML 45Page - OSRAM GmbH TMD37024VC Datasheet HTML 46Page - OSRAM GmbH TMD37024VC Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
Page 42
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Application Information
Figure 67:
TMD3702VC Recommended Circuit Layout
Note(s):
1. The dominant factor governing device performance is the component placement, not necessarily component value. The placement
of the decoupling capacitor, C2, is the most critical. Place the component on the same side of PCB as device as shown in the figure
above. Make connection as close as possible to minimize series inductance and resistance. This is critical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57