Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD37024VC Fiches technique(PDF) 35 Page - OSRAM GmbH

No de pièce TMD37024VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VC Fiches technique(HTML) 35 Page - OSRAM GmbH

Back Button TMD37024VC Datasheet HTML 31Page - OSRAM GmbH TMD37024VC Datasheet HTML 32Page - OSRAM GmbH TMD37024VC Datasheet HTML 33Page - OSRAM GmbH TMD37024VC Datasheet HTML 34Page - OSRAM GmbH TMD37024VC Datasheet HTML 35Page - OSRAM GmbH TMD37024VC Datasheet HTML 36Page - OSRAM GmbH TMD37024VC Datasheet HTML 37Page - OSRAM GmbH TMD37024VC Datasheet HTML 38Page - OSRAM GmbH TMD37024VC Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
Page 34
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Register Description
REVID2 Register (Address 0x9E)
Figure 51:
REVID2 Register
CFG2 Register (Address 0x9F)
Figure 52:
CFG2 Register
SOFTRST Register (Address 0xA0)
Figure 53:
SOFTRST Register
Addr: 0x9E
REVID2
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0000
RO
Reserved.
3:0
REV_ID
0111
RO
Device revision number.
Addr: 0x9F
CFG2
Bit
Bit Name
Default
Access
Bit Description
7:0
Reserved
0
RW
Reserved. Must be set to default value.
Addr: 0xA0
SOFTRST
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0
RW
Reserved. Must be set to default value.
0SOFTRST
0
RW
Writing a 1 to this bit will cause all registers to be
reset to their default state. This will immediately
terminate all device operation and put the
device into the sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57