| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD26213M Fiches technique(PDF) 49 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD26213M Fiches technique(HTML) 49 Page - OSRAM GmbH |
|
49 / 59 page ![]() Page 48 Datasheet, Public Document Feedback [v4-00] 2023-Apr-12 TMD2621 − Tape & Reel Information Figure 67: TMD2621 Tape and Reel Information Note(s): 1. All linear dimensions are in millimeters unless otherwise noted. 2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. 3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001 4. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481-B. 5. In accordance with EIA standard device pin 1 is located next to the sprocket holes in the tape. 6. This drawing is subject to change without notice. Tape & Reel Information |