| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD26213M Fiches technique(PDF) 21 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD26213M Fiches technique(HTML) 21 Page - OSRAM GmbH |
|
21 / 59 page ![]() Page 20 Datasheet, Public Document Feedback [v4-00] 2023-Apr-12 TMD2621 − Register O ver view PCFG0 Register (Address 0x8E) Figure 28: PCFG0 Register PCFG1 Register (Address 0x8F) Figure 29: PCFG1 Register Addr: 0x8E PCFG0 Bit Bit Name Default Access Bit Description 7:5 PGAIN 010 RW This field sets proximity first stage gain control. Value Stage 1 Gain 0 (000) 1x 1 (001) 2x 2 (010) 4x 3 (011) 8x 4 (100) 16x 4:2 Reserved 000 RW Reserved. Must be set to default value. 1:0 PGAIN2 11 RW This field sets proximity second stage gain control. Value Stage 2 Gain 0 (00) 2.5x 1 (01) 5x 2 (10) Reserved, must not use. 3 (11) 10x Addr: 0x8F PCFG1 Bit Bit Name Default Access Bit Description 7:6 PPULSE_LENH 00 RW These bits are the 2 most significant bits of the 10-bit Pulse Length control setting. The lower 8 bits are in the PCFG2 register. See the PCFG2 register for details. |