| Moteur de recherche de fiches techniques de composants électroniques |
|
2000 Fiches technique(PDF) 12 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2000 Fiches technique(HTML) 12 Page - Christian Bürkert GmbH & Co. KG |
|
12 / 20 page ![]() Type 8840 12 | 20 Visit product website 4.3. ELEMENT actuator DN 20, DN 25 Note: Dimensions in mm Distributor L5 G L1 D1 L3 L4 L4 L2 BG DN Actuator size Ø Thread G Thread BG 1.) Number of valves L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 D1 D1 [mm] [mm] 20 50 (D) G ¾ or NPT ¾ M12/8 deep 2 190 86.5 43.3 86.5 12 233 67 30 25 255 104 65 3 277 173 4 363 259.5 5 450 346 25 63 (E) G 1 or NPT 1 M16/13 deep 2 228 104 52 104 14 261 83 41 32 281 124 91 3 332 208 4 436 312 5 540 416 1.) Threads can only be used to attach the valve block, e.g. to a mounting plate or a frame. |