Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2000 Fiches technique(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

No de pièce 2000
Description  Modular process valve cluster – distributor and collector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURKERT [Christian Bürkert GmbH & Co. KG]
Site Internet  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Fiches technique(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Type 8840
10 | 20
Visit product website 
4.2. CLASSIC actuator DN 20, DN 25
Note:
Dimensions in mm
Distributor
L5
L1
G
D1
L3
L4
L4
L2
BG
DN
Actuator
size Ø
Thread G
Thread BG 1.) Number of
valves
L1
L2
L3
L4
L5
L6
L7
L8
L9
L10 D1
[mm] [mm]
20
50 (D)
G ¾ or NPT ¾
M12/8 deep
2
190 86.5
43.3 86.5 12
205 67
30
25
104 63
3
277 173
4
363 259.5
5
450 346
25
63 (E)
G 1 or NPT 1
M16/13 deep 2
228 104
52
104 14
253 83
41
32
124 80
3
332 208
4
436 312
5
540 416
1.) Threads can only be used to attach the valve block, e.g. to a mounting plate or a frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20