| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3771 Fiches technique(PDF) 36 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3771 Fiches technique(HTML) 36 Page - OSRAM GmbH |
|
36 / 49 page ![]() ams Datasheet Page 35 [v1-31] 2018-Apr-04 Document Feedback TCS3771 − Principles of Operation ID Register (0x12) The ID Register provides the value for the part number. The ID Register is a read-only register. Figure 40: ID Register Status Register (0x13) The Status Register provides the internal status of the device. This register is read only. Figure 41: Status Register 7 6 5432 10 ID Field Bits Description ID 7:0 Part number identification 0x10 = TCS37715 0x19 = TCS37717 7 6 5432 10 Reserved PINT AINT Reserved PVALID AVALID Field Bits Description Reserved 7:6 Reserved PINT 5 Proximity Interrupt AINT 4 RGBC clear channel Interrupt Reserved 3:2 Reserved PVALID 1 Proximity Valid. Indicates that a RGBC cycle has completed since AEN was asserted. AVALID 0 RGBC Valid. Indicates that the RGBC channels have completed an integration cycle. |