| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3771 Fiches technique(PDF) 34 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3771 Fiches technique(HTML) 34 Page - OSRAM GmbH |
|
34 / 49 page ![]() ams Datasheet Page 33 [v1-31] 2018-Apr-04 Document Feedback TCS3771 − Principles of Operation Configuration Register (0x0D) The Configuration Register sets the wait long time. Figure 37: Configuration Register Proximity Pulse Count Register (0x0E) The Proximity Pulse Count Register sets the number of proximity pulses that will be transmitted. When proximity detection is enabled, a proximity detect cycle occurs after each RGBC cycle. PPULSE defines the number of pulses to be transmitted. Note(s): The ATIME register will be used to time the interval between proximity detection events even if the RGBC function is disabled. Figure 38: Proximity Pulse Count Register 7 6 5432 10 Reserved WLONG Reserved Field Bits Description Reserved 7:2 Reserved. Write as 0. WLONG 1 Wait Long. When asserted, the wait cycles are increased by a factor 12× from that programmed in the WTIME register. Reserved 0 Reserved. Write as 0. 7 6 5432 10 PPULSE Field Bits Description PPULSE 7:0 Proximity Pulse Count. Specifies the number of proximity pulses to be generated. |