Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS37013 Fiches technique(PDF) 3 Page - OSRAM GmbH

No de pièce TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Fiches technique(HTML) 3 Page - OSRAM GmbH

  TCS37013 Datasheet HTML 1Page - OSRAM GmbH TCS37013 Datasheet HTML 2Page - OSRAM GmbH TCS37013 Datasheet HTML 3Page - OSRAM GmbH TCS37013 Datasheet HTML 4Page - OSRAM GmbH TCS37013 Datasheet HTML 5Page - OSRAM GmbH TCS37013 Datasheet HTML 6Page - OSRAM GmbH TCS37013 Datasheet HTML 7Page - OSRAM GmbH TCS37013 Datasheet HTML 8Page - OSRAM GmbH TCS37013 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
Page 2
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − General Description
Key Benefits & Features
The benefits and features of TCS3701 are listed below:
Figure 1:
Added Value of Using TCS3701
Applications
TCS3701 integrates multiple applications within one device.
The applications for TCS3701 include:
• Brightness management for displays
• Color management for displays
• Proximity detection
• Touch screen disable
Benefits
Features
• Invisible ALS and color sensing under any
glass type
• Configurable, high sensitivity
• Programmable gain and integration time
• 1024x dynamic range by gain adjustment only
• 1mlux minimum detectable illuminance (100ms)
• Tailored ALS and color response
• UV/IR blocking filter for RGBC channels
• Wideband reference channel without filters
• ALS/color interrupt with thresholds
• Invisible proximity detection behind OLED
displays
• Capable to drive external IR emitter LED or VCSEL
• Crosstalk and threshold calibration on chip
• Programmable timings and sensitivity
• Calibrated LED output power
• Low power consumption and minimum I²C
traffic
• 1.8VDD operation
• Configurable sleep mode
• Interrupt-driven device
• On-chip self-calibration of ALS and proximity functions
• Integrated status checking for all functions
• Digital and analog ALS saturation flags
• Proximity saturation flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67