| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS37013 Fiches technique(PDF) 57 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37013 Fiches technique(HTML) 57 Page - OSRAM GmbH |
|
57 / 67 page ![]() Page 56 Datasheet, Public Document Feedback [v2-00] 2022-Dec-15 TCS3701 − PCB Pad Layout Suggested PCB pad layout guidelines for the surface mount module are shown. Flash Gold is recommended as a surface finish for the landing pads. Figure 68: Recommended PCB Pad Layout Note(s): 1. All linear dimensions are in micrometers. 2. Dimension tolerances are ±0.05mm unless otherwise noted. 3. This drawing is subject to change without notice. PCB Pad Layout |