Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7261N Fiches technique(PDF) 40 Page - OSRAM GmbH

No de pièce AS7261N
Description  XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261N Fiches technique(HTML) 40 Page - OSRAM GmbH

Back Button AS7261N Datasheet HTML 35Page - OSRAM GmbH AS7261N Datasheet HTML 36Page - OSRAM GmbH AS7261N Datasheet HTML 37Page - OSRAM GmbH AS7261N Datasheet HTML 38Page - OSRAM GmbH AS7261N Datasheet HTML 39Page - OSRAM GmbH AS7261N Datasheet HTML 40Page - OSRAM GmbH AS7261N Datasheet HTML 41Page - OSRAM GmbH AS7261N Datasheet HTML 42Page - OSRAM GmbH AS7261N Datasheet HTML 43Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
ams Datasheet
Page 39
[v1-02] 2017-Feb-27
Document Feedback
AS7261N − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43