Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7261N Fiches technique(PDF) 24 Page - OSRAM GmbH

No de pièce AS7261N
Description  XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261N Fiches technique(HTML) 24 Page - OSRAM GmbH

Back Button AS7261N Datasheet HTML 20Page - OSRAM GmbH AS7261N Datasheet HTML 21Page - OSRAM GmbH AS7261N Datasheet HTML 22Page - OSRAM GmbH AS7261N Datasheet HTML 23Page - OSRAM GmbH AS7261N Datasheet HTML 24Page - OSRAM GmbH AS7261N Datasheet HTML 25Page - OSRAM GmbH AS7261N Datasheet HTML 26Page - OSRAM GmbH AS7261N Datasheet HTML 27Page - OSRAM GmbH AS7261N Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
ams Datasheet
Page 23
[v1-02] 2017-Feb-27
Document Feedback
AS7261N − Detailed Descriptions
Figure 26:
Auto Zero Register
Addr: 0xBA
Auto_Zero
Bit
Bit Name
Default
Access
Bit Description
7
DONE
0
R/W
Will be set to 1 when any auto zero function is
completed. Set to 0 if writing to the register.
6:4
RESV
0
R/W
Reserved, set to 000 if writing the register
3
C_EN
0
R/W
Set to 1 to manually run auto zero on the C channel. Will
be automatically set to 0 when DONE bit is set.
2
X_EN
0
R/W
Set to 1 to manually run auto zero on the X channel. Will
be automatically set to 0 when DONE bit is set.
1
Y_EN
0
R/W
Set to 1 to manually run auto zero on the Y channel. Will
be automatically set to 0 when DONE bit is set.
0
Z_EN
0
R/W
Set to 1 to manually run auto zero on the Z channel. Will
be automatically set to 0 when DONE bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43