Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7220 Fiches technique(PDF) 29 Page - OSRAM GmbH

No de pièce AS7220
Description  Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7220 Fiches technique(HTML) 29 Page - OSRAM GmbH

Back Button AS7220 Datasheet HTML 25Page - OSRAM GmbH AS7220 Datasheet HTML 26Page - OSRAM GmbH AS7220 Datasheet HTML 27Page - OSRAM GmbH AS7220 Datasheet HTML 28Page - OSRAM GmbH AS7220 Datasheet HTML 29Page - OSRAM GmbH AS7220 Datasheet HTML 30Page - OSRAM GmbH AS7220 Datasheet HTML 31Page - OSRAM GmbH AS7220 Datasheet HTML 32Page - OSRAM GmbH AS7220 Datasheet HTML 33Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-00] 2017-Feb-16
AS7220 − RoHS Compliant & ams Green Statement
RoHS: The term RoHS compliant means that ams AG products
fully comply with current RoHS directives. Our semiconductor
products do not contain any chemicals for all 6 substance
categories, including the requirement that lead not exceed
0.1% by weight in homogeneous materials. Where designed to
be soldered at high temperatures, RoHS compliant products are
suitable for use in specified lead-free processes.
ams Green (RoHS compliant and no Sb/Br): ams Green
defines that in addition to RoHS compliance, our products are
free of Bromine (Br) and Antimony (Sb) based flame retardants
(Br or Sb do not exceed 0.1% by weight in homogeneous
material).
Important Information: The information provided in this
statement represents ams AG knowledge and belief as of the
date that it is provided. ams AG bases its knowledge and belief
on information provided by third parties, and makes no
representation or warranty as to the accuracy of such
information. Efforts are underway to better integrate
information from third parties. ams AG has taken and continues
to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or
chemical analysis on incoming materials and chemicals. ams AG
and ams AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited
information may not be available for release.
RoHS Compliant & ams Green
Statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33