Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7220 Fiches technique(PDF) 21 Page - OSRAM GmbH

No de pièce AS7220
Description  Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7220 Fiches technique(HTML) 21 Page - OSRAM GmbH

Back Button AS7220 Datasheet HTML 17Page - OSRAM GmbH AS7220 Datasheet HTML 18Page - OSRAM GmbH AS7220 Datasheet HTML 19Page - OSRAM GmbH AS7220 Datasheet HTML 20Page - OSRAM GmbH AS7220 Datasheet HTML 21Page - OSRAM GmbH AS7220 Datasheet HTML 22Page - OSRAM GmbH AS7220 Datasheet HTML 23Page - OSRAM GmbH AS7220 Datasheet HTML 24Page - OSRAM GmbH AS7220 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-00] 2017-Feb-16
AS7220 − Application Information
PCB Layout
Suggested PCB pad layout guidelines for the LGA package are
shown. Flash Gold is recommended as a surface finish for the
landing pads.
Figure 22:
Typical Layout Routing
In order to prevent interference, avoid trace routing
feedthroughs with exposure directly under the AS7220. An
example routing is illustrated in the diagram.
The AS7220 Smart Lighting Integration Kit (SLIK) demo board
with schematic and PCB layout documentation is available from
ams for additional design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33