| Moteur de recherche de fiches techniques de composants électroniques |
|
B41866 Fiches technique(PDF) 29 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B41866 Fiches technique(HTML) 29 Page - EPCOS |
|
29 / 30 page ![]() Topic Safety information Reference Chapter "General technical information" Soldering, cleaning agents Do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "Cleaning agents" Passive flammability Avoid external energy, such as fire or electricity. 8.1 "Passive flammability" Active flammability Avoid overload of the capacitors. 8.2 "Active flammability" Reference Chapter "Capacitors with screw terminals" Breakdown strength of insulating sleeves Do not damage the insulating sleeve, especially when ring clips are used for mounting. "Screw terminals - accessories" B41866 High ripple current 125 °C Page 29 of 30 Please read Cautions and warnings and Important notes at the end of this document. |