| Moteur de recherche de fiches techniques de composants électroniques |
|
B41866 Fiches technique(PDF) 2 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B41866 Fiches technique(HTML) 2 Page - EPCOS |
|
2 / 30 page ![]() Long-life grade capacitors for automotive electronics Applications High-reliability equipment in industrial and automotive electronics High-temperature environments Automotive electronics Features High reliability and long useful life High ripple current capability Wide temperature range up to 125 °C Construction Charge-discharge proof, polar Aluminum case with insulating sleeve Minus pole marking on the insulating sleeve Case with safety vent Delivery mode Terminal configurations and packing: Bulk Taped, Ammo pack Cut Kinked PAPR (protection against polarity reversal): crimped leads, J leads, bent leads Refer to chapter "Single-ended capacitors Taping, packing and lead configurations" for further details and ordering example. Single-ended capacitors B41866 High ripple current 125 °C Page 2 of 30 Please read Cautions and warnings and Important notes at the end of this document. |