Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPLS1L90H Fiches technique(PDF) 2 Page - OSRAM GmbH

No de pièce SPLS1L90H
Description  SMT Laser 1 Channel SMT Laser in QFN package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLS1L90H Fiches technique(HTML) 2 Page - OSRAM GmbH

  SPLS1L90H_3 Datasheet HTML 1Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 2Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 3Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 4Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 5Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 6Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 7Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 8Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SPL S1L90H_3
DATASHEET
DATASHEET
2 | Version 1.0 | 2023-01-23
SMT Laser
SPL S1L90H_3
1 Channel SMT Laser in QFN package
- Suited for short laser pulses from 1 to 50 ns
- Laser wavelength 907 nm
Applications
- 3D Sensing
- Access Control & Security
- Appliances & Tools
- Factory Automation
- Home & Building Automation
- Robotics
Features
- Corrosion Robustness Class: 3B
- 1 channel pulsed laser module
- SMT device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20