Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPLS1L90H Fiches technique(PDF) 16 Page - OSRAM GmbH

No de pièce SPLS1L90H
Description  SMT Laser 1 Channel SMT Laser in QFN package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLS1L90H Fiches technique(HTML) 16 Page - OSRAM GmbH

Back Button SPLS1L90H_3 Datasheet HTML 12Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 13Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 14Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 15Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 16Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 17Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 18Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 19Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 20Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SPL S1L90H_3
DATASHEET
DATASHEET
16 | Version 1.0 | 2023-01-23
Notes
Depending on the mode of operation, these devices emit highly concentrated visible and non visible light
which can be hazardous to the human eye. Products which incorporate these devices have to follow the
safety precautions given in IEC 60825-1.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
Tape and Reel:
Packing unit can vary 2 % from the stated value.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20