Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCK2001M Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce PCK2001M
Description  14.318-150 MHz I2C 1:10 Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001M Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button PCK2001M Datasheet HTML 5Page - NXP Semiconductors PCK2001M Datasheet HTML 6Page - NXP Semiconductors PCK2001M Datasheet HTML 7Page - NXP Semiconductors PCK2001M Datasheet HTML 8Page - NXP Semiconductors PCK2001M Datasheet HTML 9Page - NXP Semiconductors PCK2001M Datasheet HTML 10Page - NXP Semiconductors PCK2001M Datasheet HTML 11Page - NXP Semiconductors PCK2001M Datasheet HTML 12Page - NXP Semiconductors PCK2001M Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
14.318-150 MHz I2C 1:10 Clock Buffer
Philips Semiconductors
Product specification
PCK2001M
1999 Jul 06
12
SSOP28:
plastic shrink small outline package; 28 leads; body width 5.3mm
SOT341-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13