Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCK2001M Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce PCK2001M
Description  14.318-150 MHz I2C 1:10 Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001M Fiches technique(HTML) 5 Page - NXP Semiconductors

  PCK2001M Datasheet HTML 1Page - NXP Semiconductors PCK2001M Datasheet HTML 2Page - NXP Semiconductors PCK2001M Datasheet HTML 3Page - NXP Semiconductors PCK2001M Datasheet HTML 4Page - NXP Semiconductors PCK2001M Datasheet HTML 5Page - NXP Semiconductors PCK2001M Datasheet HTML 6Page - NXP Semiconductors PCK2001M Datasheet HTML 7Page - NXP Semiconductors PCK2001M Datasheet HTML 8Page - NXP Semiconductors PCK2001M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Product specification
PCK2001M
14.318–150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
5
SDRAM CLOCK OUTPUT BUFFER PULL-UP CHARACTERISTICS
PULL-UP
VOLTAGE
(V)
I
(mA)
(V)
MIN
TYP
MAX
0
–72
–116
–198
1
–72
–116
–198
1.40
–68
–110
–188
1.50
–67
–107
–184
1.65
–64
–103
–177
1.80
–60
–98
–170
2.00
–54
–90
–157
2.40
–39
–69
–126
2.60
–30
–56
–107
3.135
0
–15
–46
3.30
0
–23
3.465
0
SDRAM PULL-UP
SW00249
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
0.25
0.5 0.75
1
1.25
1.5 1.75
2
2.25
2.5 2.75
3
3.25
3.5
MIN
TYP
MAX
VOUT (V)
IOH (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13