Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8820 Fiches technique(PDF) 39 Page - NXP Semiconductors

No de pièce PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Fiches technique(HTML) 39 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 35Page - NXP Semiconductors PCF8820 Datasheet HTML 36Page - NXP Semiconductors PCF8820 Datasheet HTML 37Page - NXP Semiconductors PCF8820 Datasheet HTML 38Page - NXP Semiconductors PCF8820 Datasheet HTML 39Page - NXP Semiconductors PCF8820 Datasheet HTML 40Page - NXP Semiconductors PCF8820 Datasheet HTML 41Page - NXP Semiconductors PCF8820 Datasheet HTML 42Page - NXP Semiconductors PCF8820 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
2000 Dec 07
39
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
43
10010100
grey-scale/colour command page:
set grey-scale to 20
(GS5 to GS0 = 010100)
44
10000000
control byte: Co = 1, RS = 0
45
01000010
grey-scale/colour command page:
select grey-scale register 2
(GR1 to GR0 = 10)
46
10000000
control byte: Co = 1, RS = 0
47
10101000
grey-scale/colour command page:
set grey-scale register 2 to 40
(GS5 to GS0 = 101000)
48
10000000
control byte: Co = 1, RS = 0
49
01000011
grey-scale/colour command page:
select grey-scale register 3
(GR1 to GR0 = 11)
50
10000000
control byte: Co = 1, RS = 0
51
10111111
grey-scale/colour command page:
set grey-scale register 3 to 63
(GS5 to GS0 = 111111)
52
10000000
control byte: Co = 1, RS = 0
53
00000001
H2 to H0 independent command:
select function and RAM command
page (H2 to H0 = 000)
54
10000000
control byte: Co = 1, RS = 0
55
00001010
function and RAM command page:
select HVGen command page
(H2 to H0 = 010)
56
10000000
control byte: Co = 1, RS = 0
57
00000101
HVGen command page: enable
HVGen (HVE = 1) and select LOW
VLCD programming range
(PRS = 0)
58
10000000
control byte: Co = 1, RS = 0
59
00000001
H2 to H0 independent command:
select function and RAM command
page (H2 to H0 = 000)
60
10000000
control byte: Co = 1, RS = 0
61
00010010
function and RAM command page:
select normal operation (PD = 0)
and vertical address mode (V = 1)
62
10000000
control byte: Co = 1, RS = 0
63
00001010
function and RAM command page:
select HVGen command page
(H2 to H0 = 010)
STEP
SERIAL BUS BYTE
LCD
OPERATION
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60