| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8548U/9 Fiches technique(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8548U/9 Fiches technique(HTML) 29 Page - NXP Semiconductors |
|
29 / 40 page ![]() 1999 Aug 16 29 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8548 Fig.19 Internal charge pump is used and a single supply voltage. The number of I/Os depends on the application. handbook, full pagewidth MGS418 ≥3 DISPLAY 102 × 65 VDD I/O VSS CVLCD CVDD PCF8548 102 32 33 Fig.20 Internal charge pump is used and two separate supply voltages. The number of I/Os depends on the application. handbook, full pagewidth MGS419 ≥3 DISPLAY 102 × 65 VDD2 VDD1 I/O VSS CVLCD CVDD2 CVDD1 PCF8548 102 32 33 |