Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8548U/9 Fiches technique(PDF) 27 Page - NXP Semiconductors

No de pièce PCF8548U/9
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548U/9 Fiches technique(HTML) 27 Page - NXP Semiconductors

Back Button PCF8548U/9 Datasheet HTML 23Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 24Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 25Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 26Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 27Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 28Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 29Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 30Page - NXP Semiconductors PCF8548U/9 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
1999 Aug 16
27
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
14
11100000
data write
15
00000000
data write
16
11111000
data write
17
00100000
data write
18
11111000
data write
19
I2C-bus start
restart
20
01111000
slave address for write
21
10000000
control byte with set Co bit
and D/C set to logic 0
22
00001101
display control; set inverse
video mode (D = 1; E = 1)
23
10000000
control byte with set Co bit
and D/C set to logic 0
24
10000000
set X address of RAM; set
address to ‘0000000’
STEP
BITS
DISPLAY
OPERATION
B7
B6
B5
B4
B3
B2
B1
B0
MGS407
MGS408
MGS409
MGS410
MGS411
MGS412
MGS413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40