Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8549 Fiches technique(PDF) 33 Page - NXP Semiconductors

No de pièce PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Fiches technique(HTML) 33 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 28Page - NXP Semiconductors PCF8549 Datasheet HTML 29Page - NXP Semiconductors PCF8549 Datasheet HTML 30Page - NXP Semiconductors PCF8549 Datasheet HTML 31Page - NXP Semiconductors PCF8549 Datasheet HTML 32Page - NXP Semiconductors PCF8549 Datasheet HTML 33Page - NXP Semiconductors PCF8549 Datasheet HTML 34Page - NXP Semiconductors PCF8549 Datasheet HTML 35Page - NXP Semiconductors PCF8549 Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
1997 Nov 21
33
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
161
ROW<39>
14504
84
162
ROW<41>
14604
84
163
ROW<43>
14704
84
164
ROW<45>
14804
84
165
ROW<47>
14904
84
166
ROW<49>
15004
84
167
ROW<51>
15104
84
168
ROW<53>
15204
84
169
ROW<55>
15304
84
170
ROW<57>
15404
84
171
ROW<59>
15504
84
172
ROW<61>
15604
84
173
ROW<63>
15704
84
174
Dummy 7
15804
84
175
Dummy 8
15904
84
176
Dummy 9
16004
84
177
Dummy 12
15961
2437
178
Dummy 11
15861
2437
179
Dummy 10
15761
2437
180
ROW<31>
15661
2437
181
ROW<29>
15561
2437
182
ROW<27>
15461
2437
183
ROW<25>
15361
2437
184
ROW<23>
15261
2437
185
ROW<21>
15161
2437
186
ROW<19>
15061
2437
187
ROW<17>
14961
2437
188
ROW<15>
14861
2437
189
ROW<13>
14761
2437
190
ROW<11>
14661
2437
191
ROW<9>
14561
2437
192
ROW<7>
14461
2437
193
ROW<5>
14361
2437
194
ROW<3>
14261
2437
195
ROW<1>
14161
2437
196
OSC
13738
2462
197
VDD1
13147
2461
198
VDD1
13047
2461
199
VDD1
12947
2461
200
VDD2
12145
2461
Pad
Pad name
X
Y
201
VDD2_HV_I
N
11145
2461
202
VDD2_HV_I
N
11045
2461
203
VDD2_HV_I
N
10945
2461
204
RES_B_IN
10627
2462
205
SDA_OUT
10333.5
5
2462
206
SDA_IN
9412.4
2462
207
SDA_IN
9212.4
2462
208
SCL_IN
8256.8
2462
209
SCL_IN
8056.8
2462
Recpat C1
16275
2437
Recpat C2
2301
80
Recpat F
304
1824
Pad
Pad name
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36