Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8549 Fiches technique(PDF) 30 Page - NXP Semiconductors

No de pièce PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Fiches technique(HTML) 30 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 26Page - NXP Semiconductors PCF8549 Datasheet HTML 27Page - NXP Semiconductors PCF8549 Datasheet HTML 28Page - NXP Semiconductors PCF8549 Datasheet HTML 29Page - NXP Semiconductors PCF8549 Datasheet HTML 30Page - NXP Semiconductors PCF8549 Datasheet HTML 31Page - NXP Semiconductors PCF8549 Datasheet HTML 32Page - NXP Semiconductors PCF8549 Datasheet HTML 33Page - NXP Semiconductors PCF8549 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
1997 Nov 21
30
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
Fig.20 Pads.
R31
R1
OSC
VDD1
VDD2
VDD2_HV
RES
SDA_OUT
SCL
SDA
T2
SA0
T7
T6
T5
T4
T3
T1
VSS1
VSS2_HV
VSS2
VLCD_1
VLCD2
R0
R30
Dummy
Dummy
DUMMY
R63
R33
C0
C101
R32
R34
R64
DUMMY
Recognition
Pattern
2.74mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36