Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8548 Fiches technique(PDF) 28 Page - NXP Semiconductors

No de pièce PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Fiches technique(HTML) 28 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 24Page - NXP Semiconductors PCF8548 Datasheet HTML 25Page - NXP Semiconductors PCF8548 Datasheet HTML 26Page - NXP Semiconductors PCF8548 Datasheet HTML 27Page - NXP Semiconductors PCF8548 Datasheet HTML 28Page - NXP Semiconductors PCF8548 Datasheet HTML 29Page - NXP Semiconductors PCF8548 Datasheet HTML 30Page - NXP Semiconductors PCF8548 Datasheet HTML 31Page - NXP Semiconductors PCF8548 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
1999 Aug 16
28
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
25
11000000
control byte with set Co bit
and D/C set to logic 1
26
00000000
data write
27
00000000
control byte with cleared Co
bit and D/C set to logic 0
28
10000000
set X address of RAM; set
address to ‘0000000’
29
I2C-bus start
restart
30
01111000
slave address for write
31
11000000
control byte with set Co bit
and D/C set to logic 1
32
11111000
write data
33
10000000
control byte with set Co bit
and D/C set to logic 0
STEP
BITS
DISPLAY
OPERATION
B7
B6
B5
B4
B3
B2
B1
B0
MGS414
MGS415
MGS416
Fig.18 Connecting the I2C-bus interface.
handbook, halfpage
SCL
SCL
SDAIN
SDAOUT
SDA
VDD1
VDD1
PCF8548
MICRO-
CONTROLLER
MGS417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40