Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8548 Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 17Page - NXP Semiconductors PCF8548 Datasheet HTML 18Page - NXP Semiconductors PCF8548 Datasheet HTML 19Page - NXP Semiconductors PCF8548 Datasheet HTML 20Page - NXP Semiconductors PCF8548 Datasheet HTML 21Page - NXP Semiconductors PCF8548 Datasheet HTML 22Page - NXP Semiconductors PCF8548 Datasheet HTML 23Page - NXP Semiconductors PCF8548 Datasheet HTML 24Page - NXP Semiconductors PCF8548 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
1999 Aug 16
21
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
As the programming range for the internally generated VLCD allows values above the maximum allowed VLCD (9.0 V) the
customer must ensure while setting the VOP register and selecting the temperature coefficient, under all conditions and
including all tolerances VLCD remains below 9.0 V.
handbook, full pagewidth
MGS658
0H 01H 02H
a1+b
a2
a1
VLCD
b
03H 04H 05H 06H
. . . 5FH 6FH 7FH 00H 01H 02H 03H 04H 05H 06H . . . 5FH 6FH 7FH
LOW (PRS = 0)
HIGH (PRS = 1)
Fig.16 VOP programming of PCF8548.
VOP[6:0] (programmed); 00H to 7FH, programme range LOW and HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40