Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF5083H/001/F2 Fiches technique(PDF) 126 Page - NXP Semiconductors

No de pièce PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Fiches technique(HTML) 126 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 122Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 123Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 124Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 125Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 126Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 127Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 128Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 129Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 136 page
background image
1996 Oct 29
126
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Fig.33 RF-IC Control Bus timing
− Mode 2.
handbook, full pagewidth
MGE308
2
3
8
9
1
5
7
6
4
RFE
RFEN1
to
RFEN4
RFCLK
RFDO
D15
D14
D13
D2
D1
D0
D15
D14
D13
D2
D1
D0
RFDI
Fig.34 Baseband Interface timing (DSP Core x-Port).
handbook, full pagewidth
MGE309
6
5
7
SIXCLK
SIXEN
SIXD
SOXCLK
SOXEN
SOXD
8
9
10
14
13
15
12
11
4
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More