Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF5083H/001/F2 Fiches technique(PDF) 57 Page - NXP Semiconductors

No de pièce PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Fiches technique(HTML) 57 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 53Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 54Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 55Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 56Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 57Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 58Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 59Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 60Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 136 page
background image
1996 Oct 29
57
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 47 TCH/H2.4
The following table shows the user data block for half rate data channel at 2.4 kbit/s (and less). The 4
× 36 data bits
shown correspond to 4 modified CCITT V.110 36-bit frames according to GSM 04 21.
FACCH flag
34
facch_flag
−
Rxqual_ber
35
rxqual_ber_low
−
36
rxqual_ber_high
−
DESCRIPTION
OFFSET
DOWNLINK DATA
UPLINK DATA
Block size
0
24
21
Valid flag
1
1
1
Modified CCITT frame 1
2
rb8 to rb1
rb8 to rb1
3
rb16 to rb9
rb16 to rb9
4
rb24 to rb17
rb24 to rb17
5
rb32 to rb25
rb32 to rb25
6
rb36 to rb33
rb36 to rb33
Modified CCITT frame 2
7
rb8 to rb1
rb8 to rb1
8
rb16 to rb9
rb16 to rb9
9
rb24 to rb17
rb24 to rb17
10
rb32 to rb25
rb32 to rb25
11
rb36 to rb33
rb36 to rb33
Modified CCITT frame 3
12
rb8 to rb1
rb8 to rb1
13
rb16 to rb9
rb16 to rb9
14
rb24 to rb17
rb24 to rb17
15
rb32 to rb25
rb32 to rb25
16
rb36 to rb33
rb36 to rb33
Modified CCITT frame 4
17
rb8 to rb1
rb8 to rb1
18
rb16 to rb9
rb16 to rb9
19
rb24 to rb17
rb24 to rb17
20
rb32 to rb25
rb32 to rb25
21
rb36 to rb33
rb36 to rb33
FACCH flag
22
facch_flag
−
Rxqual_ber
23
rxqual_ber_low
−
24
rxqual_ber_high
−
DESCRIPTION
OFFSET
DOWNLINK DATA
UPLINK DATA