Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF5083H/001/F2 Fiches technique(PDF) 93 Page - NXP Semiconductors

No de pièce PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Fiches technique(HTML) 93 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 89Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 90Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 91Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 92Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 93Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 94Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 95Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 96Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 136 page
background image
1996 Oct 29
93
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Notes
1. CM_encoder_CCH is only called, if the current multiframe contains the 1st SACCH sub-block.
2. Dummy encryption to increment TDMA frame counters (skip Idle frame).
3. CM_decoder_CCH is only called, if the current multiframe contains the 4th SACCH sub-block.
4. If the BCCh identification of the neighbouring cells is not required in a certain idle frame, then up to 3 level
measurements can be performed in that frame.
5. Dummy encryption to increment TDMA frame counter (skip idle frame).
6. Monitoring of a frequency correction burst from a neighbouring cell.
7. Decoding of a synchronization burst from a neighbouring cell.
23
start of
FB monitoring
CP_rx_normal_burst (TCH_CMI_BUFF4, tsc, agc_gain)
FB_search_FCB_INT (n_int, threshold)
FB_search_FCB( )
CP_rx_speech (dtx_flag, taf, test_mode)
22
149
156
80
23
continue
FB monitoring
CP_rx_normal_burst (TCH_CMI_BUFF4, tsc, agc_gain)
FB_search_FCB( )
CP_rx_speech (dtx_flag, taf, test_mode)
17
149
156
80
23
decode SCh
CP_rx_normal_burst (TCH_CMI_BUFF4, tsc, agc_gain)
CP_rx_speech (dtx_flag, taf, test_mode)
CP_rx_SCH( )
17
149
156
80
23
level
measurement
CP_rx_normal_burst (TCH_CMI_BUFF4, tsc, agc_gain)
CP_rxlev3 (agc_gain1, agc_gain2, agc_gain3); note 4
CP_rx_speech (dtx_flag, taf, test_mode)
20
149
156
80
24
CI_decrypt (SCRATCH_BUFF,1); note 5
0
149
156
1404(6)
or 167(7)
25
CP_rx_normal_burst (TCH_CMI_BUFF1, tsc, agc_gain)
CP_power_measure (agc_gain1)
17
80 or 0
80 or 0
80 or 0
FN MOD 26
PROCEDURES
NW
RX
TX
MX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More