| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF5083 Fiches technique(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083 Fiches technique(HTML) 96 Page - NXP Semiconductors |
|
96 / 136 page ![]() 1996 Oct 29 96 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 9.4.4.4 Handover mode Table 74 shows the procedures to be executed within the DSP for processing of a TCH/FS multiframe in Handover mode. Table 74 Procedures to be executed for processing a TCH/FS multiframe in handover mode Notes 1. Dummy encryption to increment TDMA frame counters (skip Idle + SACCH frame). 2. CM_DECODER_CCH is only called, if the current multiframe contains the 4th SACCH sub-block. 3. Dummy encryption to increment TDMA frame counters (skip Idle frame). FN MOD 26 PROCEDURES NW RX TX MX 0, 4, 13, 17 CP_tx_RACH (bsic, rach_msg) CP_rx_normal_burst (TCH_CMI_BUFF2, tsc, agc_gain) CP_power_measure (agc_gain1) 12 149 156 80 8, 21 CP_tx_RACH (bsic, rach_msg) CP_rx_normal_burst (TCH_CMI_BUFF2, tsc, agc_gain) CI_encrypt (SCRATCH_BUFF,1); note 1 CP_power_measure (agc_gain1) 12 149 156 80 1, 5, 9, 14, 18, 22 CP_tx_RACH (bsic, rach_msg) CP_rx_normal_burst (TCH_CMI_BUFF3, tsc, agc_gain) CI_encrypt (SCRATCH_BUFF, 4) MP_read_audio_in_fifo (SCRATCH_BUFF, 160) CP_power_measure (agc_gain1) 33 149 156 80 2, 6, 10, 15, 19, 23 CP_tx_RACH (bsic, rach_msg) CP_rx_normal_burst (TCH_CMI_BUFF4, tsc, agc_gain) DB_fill_buffer (SCRATCH_BUFF,0,0,160) MP_write_audio_out_fifo (SCRATCH_BUFF, 160) CM_decoder_TCH (dtx_flag, taf, test_mode) CP_power_measure (agc_gain1) 18 149 156 80 3, 7, 12, 16, 20 CP_tx_RACH (bsic, rach_msg) CP_rx_normal_burst (TCH_CMI_BUFF1, tsc, agc_gain) CP_power_measure (agc_gain1) 12 149 156 80 11 CP_tx_RACH (bsic, rach_msg) CP_rx_normal_burst (CCH_CMI_BUFFi, tsc, agc_gain) [CM_decoder_CCH( )]; note 2 CP_power_measure (agc_gain1) 14 149 156 80 24 CP_tx_RACH (bsic, rach_msg) CI_decrypt (SCRATCH_BUFF,1); note 3 15 149 156 80 25 CP_tx_RACH (bsic, rach_msg) CP_rx_normal_burst (TCH_CMI_BUFF1, tsc, agc_gain) CP_power_measure (agc_gain1) 12 − 156 − |