Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF5083 Fiches technique(PDF) 75 Page - NXP Semiconductors

No de pièce PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Fiches technique(HTML) 75 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 71Page - NXP Semiconductors PCF5083 Datasheet HTML 72Page - NXP Semiconductors PCF5083 Datasheet HTML 73Page - NXP Semiconductors PCF5083 Datasheet HTML 74Page - NXP Semiconductors PCF5083 Datasheet HTML 75Page - NXP Semiconductors PCF5083 Datasheet HTML 76Page - NXP Semiconductors PCF5083 Datasheet HTML 77Page - NXP Semiconductors PCF5083 Datasheet HTML 78Page - NXP Semiconductors PCF5083 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
1996 Oct 29
75
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
DB_copy_buffer
n_words words are copied within DSP data RAM
27
source_buff_id
dest_buff_id
source_offset
dest_offset
n_words
DB_compare_info_cmi
This procedure may be used to measure bit errors in a received burst. It
compares the first n_bits soft outputs (CMIs) of the equalizer located in
cmi_buff to the n_bits hard bits located in buffer info_buffer_id and returns
the number of errors found (n_errors).
71
info_buff_ptr
cmi_buff_ptr
n_bits
n_errors
DB_fill_buffer
n_words words are filled with fill_value.
28
buff_id
buff_offset
fill_value
n_words
DB_pio_test
This procedure can be used to test data transfer between the 90CL301 and
the PCF5083. With every call, DB_pio_test checks if the parameters
in_seq[0 to 4] are equal to the following predefined sequences of numbers:
in_seq[0] = k
× 3
in_seq[1] = k
× 5
in_seq[2] = k
× 7
in_seq[3] = k
× 9
in_seq[4] = k
× 11.
Where k indicates how often DB_pio_test has been previously called (e.g.
k = 0 for the first call after reset).
The return value n_errors indicates the number of errors found in
in_seq[0 to 4] (range 0 to 4). In addition the following predefined output
sequences are returned:
out_seq[0] = k
× 11
out_seq[1] = k
× 9
out_seq[2] = k
× 7
out_seq[3] = k
× 5
out_seq[4] = k
× 3.
70
in_seq [0 to 4]
out_seq [0 to 4]
n_errors
DB_read_buffer
The n_words are read from buffer buff_id starting at offset buff_offset;
n_words must not be greater than 19.
29
buff_id
buff_offset
n_words
buff[n_words]
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More