| Moteur de recherche de fiches techniques de composants électroniques |
|
XH310 Fiches technique(PDF) 1 Page - Shuttle Computer Handels GmbH |
|
|
|||||||||||||||||||||||||||||
XH310 Fiches technique(HTML) 1 Page - Shuttle Computer Handels GmbH |
|
1 / 3 page ![]() Product Specifications w w w . s h u t t l e . e u Shuttle Computer Handels GmbH Fritz-Strassmann-Str. 5 25337 Elmshorn | Germany Tel. +49 (0) 4121-47 68 60 Fax +49 (0) 4121-47 69 00 sales@shuttle.eu Page 1 10 February 2023 Shuttle Accessory PCM31: Triple COM port expansion for Shuttle Slim-PC Barebones XH310(R) and XH610 The Shuttle Accessory PCM31 provides three additional COM ports to the front panel of the Shuttle Slim-PC Barebones XH310, XH310R and XH610. However, using PCM3 means that no optical drive can be used. Feature Highlights Scope of delivery Triple COM port adapter board (1x) Appropriate front panel cover (1x) Screws (2x) Quick Installation Guide Compatibility Compatible with the Shuttle Slim-PC Barebone XH310, XH310R and XH610 Not compatible with XH310V, XH310RV and XH610V Notes Because the upper bay of the Shuttle Slim-PC Barebone is occupied by the Shuttle Accessory PCM31, an optical drive can no longer be used. Shuttle Accessory PCM31 Images for illustration only. Shuttle Slim-PC Barebone XH610 with built-in Accessory PCM31 |
Numéro de pièce similaire - XH310 |
|
Description similaire - XH310 |