| Moteur de recherche de fiches techniques de composants électroniques |
|
XH310 Fiches technique(PDF) 3 Page - Shuttle Computer Handels GmbH |
|
|
|||||||||||||||||||||||||||||
XH310 Fiches technique(HTML) 3 Page - Shuttle Computer Handels GmbH |
|
3 / 3 page ![]() Product Specifications w w w . s h u t t l e . e u Shuttle Computer Handels GmbH Fritz-Strassmann-Str. 5 25337 Elmshorn | Germany Tel. +49 (0) 4121-47 68 60 Fax +49 (0) 4121-47 69 00 sales@shuttle.eu Page 3 10 February 2023 5. To remove the ODD front panel, push the two clips downward, then push forward to unlock. Now install the COM Port front panel. 6. Install the COM Port front panel and check that it is properly aligned. 7. Connect the power board cable to "JP3". Connect the three cables of the PCM31 COM port adapter to the pin headers COM3, COM4 and COM5 on the mainboard. 8. Install the CPU thermal module and HDD along with the bracket in the enclosure. Connect the CPU thermal module/HDD power and SATA cables. 9. To complete installation, replace the cover and fasten its two screws on the rear. |