Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40 Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce BAS40
Description  General-purpose Schottky diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS40 Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button BAS40 Datasheet HTML 13Page - NXP Semiconductors BAS40 Datasheet HTML 14Page - NXP Semiconductors BAS40 Datasheet HTML 15Page - NXP Semiconductors BAS40 Datasheet HTML 16Page - NXP Semiconductors BAS40 Datasheet HTML 17Page - NXP Semiconductors BAS40 Datasheet HTML 18Page - NXP Semiconductors BAS40 Datasheet HTML 19Page - NXP Semiconductors BAS40 Datasheet HTML 20Page - NXP Semiconductors BAS40 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
BAS40_1PSXXSB4X_SER_7
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 12 May 2006
18 of 21
Philips Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
Dimensions in mm
Fig 28. Reflow soldering footprint SOT416
Reflow soldering is the only recommended soldering method.
Fig 29. Reflow soldering footprint SOT666
MSA438
2.00
0.60
(3x)
0.70
1.50
1
2
3
1.10
2.20
0.50
(3x)
0.85
0.60
1.90
solder lands
solder resist
occupied area
solder paste
solder lands
solder resist
placement area
occupied area
0.075
Dimensions in mm
2.75
2.45
2.10
1.60
1.20
2.20
2.50
2.00 1.70 1.00
0.30 (2
×)
0.15
(4
×)
0.375
(4
×)
0.40
(6
×)
0.55
(2
×)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21