| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS40 Fiches technique(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS40 Fiches technique(HTML) 10 Page - NXP Semiconductors |
|
10 / 21 page ![]() BAS40_1PSXXSB4X_SER_7 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 07 — 12 May 2006 10 of 21 Philips Semiconductors BAS40 series; 1PSxxSB4x series General-purpose Schottky diodes Fig 11. Package outline SOT143B Fig 12. Package outline SOT363 (SC-88) Fig 13. Package outline SOT416 (SC-75) Fig 14. Package outline SOT666 04-11-16 Dimensions in mm 3.0 2.8 1.1 0.9 2.5 2.1 1.4 1.2 1.7 1.9 0.48 0.38 0.15 0.09 0.45 0.15 0.88 0.78 2 1 3 4 04-11-08 Dimensions in mm 0.25 0.10 0.3 0.2 pin 1 index 1.3 0.65 2.2 2.0 1.35 1.15 2.2 1.8 1.1 0.8 0.45 0.15 13 2 4 65 04-11-04 Dimensions in mm 0.95 0.60 1.8 1.4 1.75 1.45 0.9 0.7 0.25 0.10 1 0.30 0.15 12 3 0.45 0.15 Dimensions in mm 04-11-08 1.7 1.5 1.7 1.5 1.3 1.1 1 0.18 0.08 0.27 0.17 0.5 pin 1 index 12 3 4 5 6 0.6 0.5 0.3 0.1 |