Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P3333 Fiches technique(PDF) 3 Page - OSRAM GmbH

No de pièce P3333
Description  This device is especially designed for full color RG applications.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

P3333 Fiches technique(HTML) 3 Page - OSRAM GmbH

  P3333 Datasheet HTML 1Page - OSRAM GmbH P3333 Datasheet HTML 2Page - OSRAM GmbH P3333 Datasheet HTML 3Page - OSRAM GmbH P3333 Datasheet HTML 4Page - OSRAM GmbH P3333 Datasheet HTML 5Page - OSRAM GmbH P3333 Datasheet HTML 6Page - OSRAM GmbH P3333 Datasheet HTML 7Page - OSRAM GmbH P3333 Datasheet HTML 8Page - OSRAM GmbH P3333 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
KRT LSLPS1.32
DATASHEET
DATASHEET
3 | Version 1.2 | 2024-01-29
Ordering Information
Type
Brightness 1)
Ordering Code
KRT LSLPS1.32-VUVY-EQ+BTBV-D8-R33-B
Q65113A7708
● red
● I
v = 800 ... 1323 mcd (IF = 20 mA)
Q65113A7708
● true green
● I
v = 1902 ... 2800 mcd (IF = 20 mA)
Q65113A7708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28