Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P3333 Fiches technique(PDF) 24 Page - OSRAM GmbH

No de pièce P3333
Description  This device is especially designed for full color RG applications.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

P3333 Fiches technique(HTML) 24 Page - OSRAM GmbH

Back Button P3333 Datasheet HTML 20Page - OSRAM GmbH P3333 Datasheet HTML 21Page - OSRAM GmbH P3333 Datasheet HTML 22Page - OSRAM GmbH P3333 Datasheet HTML 23Page - OSRAM GmbH P3333 Datasheet HTML 24Page - OSRAM GmbH P3333 Datasheet HTML 25Page - OSRAM GmbH P3333 Datasheet HTML 26Page - OSRAM GmbH P3333 Datasheet HTML 27Page - OSRAM GmbH P3333 Datasheet HTML 28Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
KRT LSLPS1.32
DATASHEET
DATASHEET
24 | Version 1.2 | 2024-01-29
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light
sources have a high secondary exposure potential due to their blinding effect. When looking at bright light
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28