Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCE-THB40 Fiches technique(PDF) 1 Page - PCE Instruments.

No de pièce PCE-THB40
Description  Technical Air Humidity Meter PCE-THB 40
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PCE [PCE Instruments.]
Site Internet  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-THB40 Fiches technique(HTML) 1 Page - PCE Instruments.

  PCE-THB40 Datasheet HTML 1Page - PCE Instruments. PCE-THB40 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Air Humidity Meter PCE-THB 40
PCE-THB 40 Air Humidity Meter
Digital thermometer-hygrometer-barometer with data logging functionality and up to 16 GB
SD card memory
PCE-THB 40 is a digital thermometer-hygrometer-barometer with data recording functionality. This
compact yet robust data logger detects ambient temperature, relative humidity and atmospheric or
barometric pressure. Measurement values are displayed in real time on the large LCD screen and saved
to the included SD card as a Microsoft Excel-compatible .XLS file for seamless transfer to a PC or
portable computer. Data can also be transferred via an optional USB data cable complete with PC-
compatible software (SOFT-LUT-US) for live visualization. Measurement quota can be freely adjusted,
with data captured every 5, 10, 30, 60, 120, 300 or 600 seconds, or automatically when there is an
alteration of ±1 º, ±1 % RH or ±1 hPa.
PCE-THB 40 comes manufacturer calibrated and is powered by the included batteries. An optional
electric power supply is available for purchase separately. ISO-certified calibration also may be
purchased as an option. Please see the accessories tab for details.
- Measures ambient temperature, relative humidity and atmospheric or barometric pressure
- Displays measurement values in real time on the large LCD screen
- Saves recorded data to the included SD card as an Excel-compatible .XLS file
- Offers selection of pressure units: hPa, mmHg or inHg
- Features a low battery indicator
- Allows measurement quota to be freely adjusted
- Easy to use with large keys and a user-friendly interface
- Comes with a solid, protective carrying case
- Manufacturer calibrated
- Optional ISO certification (see accessories)
Technical specifications:
Measurement
ranges
Temperature
0 ... +50°C / 32°F ... 122°F


Numéro de pièce similaire - PCE-THB40

FabricantNo de pièceFiches techniqueDescription
logo
PCE Instruments.
PCE-THB38 PCE-PCE-THB38 Datasheet
130Kb / 1P
Technical Specification Air Humidity Meter PCE-THB 38
More results

Description similaire - PCE-THB40

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1819 NSC-LM1819 Datasheet
209Kb / 10P
Air-Core Meter Driver
logo
NXP Semiconductors
SA5775A PHILIPS-SA5775A Datasheet
111Kb / 10P
Differential air core meter driver
1999 Sep 20
logo
Extech Instruments Corp...
EA80 EXTECH-EA80 Datasheet
231Kb / 1P
Indoor Air Quality Meter/Datalogger
MO290 EXTECH-MO290 Datasheet
187Kb / 8P
Pinless Moisture/Humidity Meter IR
EA80 EXTECH-EA80_15 Datasheet
188Kb / 1P
Indoor Air Quality Meter/Datalogger
SDL550 EXTECH-SDL550 Datasheet
171Kb / 1P
Humidity Content Meter/Datalogger
logo
TT Electronics.
DS1173 TTELEC-DS1173 Datasheet
304Kb / 1P
Compressed Air Flow Meter
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
logo
Vaisala
HM40 VAISALA-HM40 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
HM70 VAISALA-HM70 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com