Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCE-THB40 Fiches technique(PDF) 2 Page - PCE Instruments.

No de pièce PCE-THB40
Description  Technical Air Humidity Meter PCE-THB 40
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PCE [PCE Instruments.]
Site Internet  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-THB40 Fiches technique(HTML) 2 Page - PCE Instruments.

  PCE-THB40 Datasheet HTML 1Page - PCE Instruments. PCE-THB40 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Relative humidity in
air
10 ... 90 % RH
Barometric pressure 10 ... 1100 hPa / 7.5 ... 825 mmHg / 0.29 ... 32.48 inHg
Resolution
Temperature
0.1°
Relative humidity in
air
0.1 % RH
Barometric pressure 0.1 hPa: 10 ... 1000 hPa, 1 hPa: 1001 ... 1100 hPa / 0.1 mmHg / 0.01 inHg
Accuracy
Temperature
±0.8°C / ±1.5°F
Relative humidity in
air
±4 % RH: < 70 % RH
± ( 4 % reading + 1 % RH): ≥ 70 % RH
Barometric pressure ±2 hPa: 10 ... 1000 hPa, ±3 hPa: 1001 ... 1100 hPa / ± 1.5 mmHg / ± 0.1 inHg
Sampling interval
5,10, 30, 60, 120, 300 or 600 seconds, or automatic (it stores data when there
is an alteration of the value of ±1 º, ±1 % RH or ±1 hPa)
Memory
SD card memory up to 16 GB (an SD card is included in the delivery contents)
Operating
temperature
0 ... +50ºC / 32ºF ... 122ºF
< 90 % RH
Power
6 x 1.5 V AAA batteries or
1 x 9 V electric power supply (optional)
Dimensions
132 mm x 80 mm x 32 mm
5.14 in x 3.14 in x 1.25 in
Weight (with
batteries)
285 g / 0.62 lbs
Delivery contents:
1 x PCE-THB 40 air humidity meter
1 x SD card
1 x wall mount
6 x batteries
1 x user manual



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com