| Moteur de recherche de fiches techniques de composants électroniques |
|
CDCE421 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCE421 Fiches technique(HTML) 10 Page - Texas Instruments |
|
10 / 30 page ![]() www.ti.com CDCE421 SCAS842 – APRIL 2007 Word 4: BIT NAME DESCRIPTION/FUNCTION TYPE RECOMMENDED VALUE 0 C0 Register selection W 0 1 C1 Register selection W 0 2 C2 Register selection W 1 3 CALWRD VCO calibration word, bit 0 W 0 4 CALWRD VCO calibration word, bit 1 W 0 5 CALWRD VCO calibration word, bit 2 W 0 6 CALWRD VCO calibration word, bit 3 W 0 7 CALWRD VCO calibration word, bit 4 W 0 8 CALWRD VCO calibration word, bit 5 W 0 9 CALOVR VCO calibration override W 0 10 ENCAL Enable VCO calibration W 1 Word 5: BIT NAME DESCRIPTION/FUNCTION TYPE RECOMMENDED VALUE 0 C0 Register selection W 1 1 C1 Register selection W 0 2 C2 Register selection W 1 3 TITSTCFG TI test use, bit 0 W 0 4 TITSTCFG TI test use, bit 1 W 0 5 TITSTCFG TI test use, bit 2 W 0 6 TITSTCFG TI test use, bit 3 W 0 7 Not used W 0 8 Not used W 0 9 Not used W 0 10 Not used W 0 10 Submit Documentation Feedback |