Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCE421 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce CDCE421
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCE421 Fiches technique(HTML) 5 Page - Texas Instruments

  CDCE421 Datasheet HTML 1Page - Texas Instruments CDCE421 Datasheet HTML 2Page - Texas Instruments CDCE421 Datasheet HTML 3Page - Texas Instruments CDCE421 Datasheet HTML 4Page - Texas Instruments CDCE421 Datasheet HTML 5Page - Texas Instruments CDCE421 Datasheet HTML 6Page - Texas Instruments CDCE421 Datasheet HTML 7Page - Texas Instruments CDCE421 Datasheet HTML 8Page - Texas Instruments CDCE421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
Power Up Reset
Completed
SDATA = 111011
SDATA =
111 0000 0000
SDATA =
111 1111 0000
SDATA =
111 0000 0000
SDATA =
111 0101 0101
SDATA =
111 1111 1111
SDATA = 001100
SDATA =
100 xxxxxxxx
SDATA =
000 xxxxxxxx
SDATA =
010 xxxxxxxx
SDATA =
110 xxxxxxxx
SDATA =
001 xxxxxxxx
SDATA =
101 xxxxxxxx
PowerUp:
Read
EEPROM&
Configure
State1:IDLE
Normal
Operation
State2:
Programming
Mode
11Bit
Written
th
11Bit
Written
th
11Bit
Written
th
11Bit
Written
th
11Bit
Written
th
11Bit
Written
th
Write
WORD0
Write
WORD1
Write
WORD2
Write
WORD3
Write
WORD4
Write
WORD5
State4:
Programming
EEPROM
Locking
State3:
Programming
EEPROM
NoLocking
60
th
Clock Applied
State5:
ReadBack
Mode
F0016-02
CDCE421
SCAS842 – APRIL 2007
SDATA
FUNCTION
001 xxxx xxxx
Write to Word4 (State 2)(1) (2) (3)
101 xxxx xxxx
Write to Word5 (State 2)(1) (2) (3)
111 xxxx xxxx
State machine jump: All other patterns not defined as follows cause an exit to normal mode.
111 0101 0101
Jump: Enter EEPROM programming with EEPROM lock (State 2
→ State 3)
111 1111 0000
Jump: Enter EEPROM programming without EEPROM lock (State 2
→ State 4)
111 0000 0000
Jump: Exit EEPROM programming (State 3 or State 4
→ State 1)
NOTE: In States 2, 3, 4, and 5, the signal pin CE is disregarded and has no influence on power down.
Figure 2. State Flow-Diagram of Single-Pin Interface
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30