| Moteur de recherche de fiches techniques de composants électroniques |
|
P90CE201 Fiches technique(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P90CE201 Fiches technique(HTML) 39 Page - NXP Semiconductors |
|
39 / 77 page ![]() August 1993 39 Philips Semiconductors Product specification 16-bit microcontroller P90CE201 Table 29 Exception processing clock periods. Note 1. The interrupt acknowledge bus cycle is assumed to take four clock periods. 2. The maximum time from when RESET is first sampled as released to first instruction fetch. EXCEPTION NUMBER OF CLOCK PERIODS Address error 158 (3/17) Interrupt 65 (4/4), note 1 Illegal instruction 55 (3/4) Privilege instruction 55 (3/4) Trace 55 (3/4) Trap 52 (3/4) Divide by Zero 64 (3/4) + RESET (note 2) 43 (4/0) |