| Moteur de recherche de fiches techniques de composants électroniques |
|
P90CE201 Fiches technique(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P90CE201 Fiches technique(HTML) 21 Page - NXP Semiconductors |
|
21 / 77 page ![]() August 1993 21 Philips Semiconductors Product specification 16-bit microcontroller P90CE201 6.2.5 LATCHED INTERRUPT VECTOR n (LIVn) Fig.13 Latched Interrupt Vector n (LIVn). bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 IV.7 IV.6 IV.5 IV.4 IV.3 IV.2 IV.1 IV.0 Table 9 Description of LIVn bits. 6.2.6 LATCHED PORT CONTROL REGISTER HIGH (LPCRH) SYMBOL BIT FUNCTION IV.7 to IV.0 LIVn.7 to LIVn.0 8-bit interrupt vector number. The default value of this register is 0FH. Fig.14 Latched Port Control Register High (LPCRH). bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 INTN7 − INTN6 − INTN5 − INTN4 − 6.2.7 LATCHED PORT CONTROL REGISTER LOW (LPCRL) Fig.15 Latched Port Control Register Low (LPCRL). bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 INTN3 − INTN2 − INTN1 − INTN0 − |