| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS Fiches technique(PDF) 1 Page - Leadshine Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ICS Fiches technique(HTML) 1 Page - Leadshine Technology Co., Ltd. |
|
1 / 7 page ![]() Datasheet of iCS Series Integrated Stepper Motor www.leadshine.com 1 iCS Series Integrated Stepper Motor iCS series is integrated stepper motor with 14-bit magnetic encoder to solve the loss of step problems in open loop stepper control systems, thus increase system reliability at minimal cost increase. It implements advanced control algorithm of Leadshine based on its tens of years’ experience in stepper and servo controls. At very compact size and with all components integrated, the iCS can save mounting space, eliminate encoder connection & motor wiring time, reduce interference, and cut/reduce cable and labor costs. The iCS series is reliable, affordable and excellent in many industrial applications such as CNC, 3D printer, stage equipment, medical, electronics, packaging...etc. Feature No loss of step & no torque reservation & no hunting or overshooting & no tuning for easy setup Enhance performance, especially at low speed application (<60RPM) Soft-start with no “jump” when powered on Low noise and vibration, smooth motion Step&direction and CW&CCW control 3 digital inputs, 1 optically isolated digital output 14-bit single-turn incremental encoder RS232 communication for Leadshine software connection Over voltage, over current, position following error protections, etc. |
Numéro de pièce similaire - ICS |
|
Description similaire - ICS |