| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS Fiches technique(PDF) 6 Page - Leadshine Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ICS Fiches technique(HTML) 6 Page - Leadshine Technology Co., Ltd. |
|
6 / 7 page ![]() Datasheet of iCS Series Integrated Stepper Motor www.leadshine.com 6 400 (Default) on on on on 800 off on on on 1600 on off on on 3200 off off on on 6400 on on off on 12800 off on off on 25600 on off off on 51200 off off off on 1000 on on on off 2000 off on on off 4000 on off on off 5000 off off on off 8000 on on off off 10000 off on off off 20000 on off off off 40000 off off off off Other DIP Switch Settings For iCS-17xx Series (SW5-SW6) Function On Off SW5 Default Direction CW (clockwise) CCW (counterclockwise) SW6 Closed/Open loop Open Loop Closed Loop For iCS-23xx and iCS-24xx Series (SW5-SW8) Function On Off SW5 Default Direction CW (clockwise) CCW (counterclockwise) SW6 Pulse Mode CW&CCW PUL&DIR SW7 Smoothing Time Enable Disable SW8 Closed/Open Loop Open Loop Closed Loop Wiring The iCS series motor can accept differential and single-ended control signal inputs (open-collector and PNP output). It has 3 optically isolated control inputs, PUL, DIR, and ENA. Refer to the following two figures for connections of PNP and NPN signals. |