Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P82C150AHT Fiches technique(PDF) 16 Page - NXP Semiconductors

No de pièce P82C150AHT
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150AHT Fiches technique(HTML) 16 Page - NXP Semiconductors

Back Button P82C150AHT Datasheet HTML 12Page - NXP Semiconductors P82C150AHT Datasheet HTML 13Page - NXP Semiconductors P82C150AHT Datasheet HTML 14Page - NXP Semiconductors P82C150AHT Datasheet HTML 15Page - NXP Semiconductors P82C150AHT Datasheet HTML 16Page - NXP Semiconductors P82C150AHT Datasheet HTML 17Page - NXP Semiconductors P82C150AHT Datasheet HTML 18Page - NXP Semiconductors P82C150AHT Datasheet HTML 19Page - NXP Semiconductors P82C150AHT Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
1996 Jun 19
16
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
Table 8
Data Frame Byte 1
Table 9
Description of Data Frame Byte 1 bits
STATUS
REGISTER ADDRESS
RSTD
EW
BM1
BM0
A3
A2
A1
A0
SYMBOL
DESCRIPTION
Status
RSTD
It is logic 1 in the first message (‘sign-on’ message) after the successful detection of the bit rate
(bit time calibrated).
EW
Logic 1, if the error warning limit (32) is reached. In the “sign-on” message EW is always logic 1. The
EW status bit is set when the Receive Error Counter or the Transmit Error Counter have exceeded the
Error Warning Limit of 32, also temporarily, since the last successful transmission of a message.
BM1
Bus mode status bits.
BM0
Register address
A3 to A0
Register address bits.
Fig.7 P82C150 Data Frame.
handbook, full pagewidth
MHA071
0
0
1
P3
1
0
P2
P1
P0
1
0
DIR RTR
ID0
ID10
SOF
Identifier
0
0
0
0
1
1
RSTD EW
BM1 BM0
A3
A2
A1
A0
reserved
Data Length Code
P82C150 status
register address
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
I/O Register data(15 to 8)
I/O Register data(7 to 0)
CONTROL FIELD
ARBITRATION FIELD
BYTE 1
BYTE 2
BYTE 3
SOF: Start Of Frame.
RTR: Remote Transmission Request.
P3 to P0: equals programmed identifier bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36